PART |
Description |
Maker |
109602 109607 109606 109609 109608 109605 109604 1 |
MiniMez Male with Ejector DIP solder w/o clips w/o peg BM
|
ERNI Electronics
|
109301 109303 109302 109304 109306 109307 109308 1 |
MiniMez Vertical Male DIP without pegs 5,4mm
|
ERNI Electronics
|
109200 109203 109206 109215 109218 109219 109201 1 |
MiniMez Vertical Male SMT
|
ERNI Electronics
|
050-026-032 050-026-032B 050-064-032 050-010-033A |
26 CONTACT(S), MALE, RIGHT ANGLE TWO PART EURO CONNECTOR, SOLDER 64 CONTACT(S), MALE, RIGHT ANGLE TWO PART EURO CONNECTOR, SOLDER Shrouded Ejector Latch Header; No. of Contacts:10; Pitch Spacing:0.1"; No. of Rows:2; Gender:Male; Series:LAT-CON Ejector Latch Header; No. of Contacts:40; Pitch Spacing:0.1"; No. of Rows:2; Gender:Header; Contact Plating:Gold; Leaded Process Compatible:No; Mounting Type:Through Hole; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 60 CONTACT(S), MALE, STRAIGHT TWO PART EURO CONNECTOR, PRESS FIT 50 CONTACT(S), MALE, STRAIGHT TWO PART EURO CONNECTOR, PRESS FIT
|
ITW PANCON
|
HIF2B-10D-2.54RA HIF2B-10D-2.54RB HIF2B-10D-2.54RS |
14 CONTACT(S), MALE, STRAIGHT DIP CONNECTOR, IDC, PLUG 16 CONTACT(S), MALE, STRAIGHT DIP CONNECTOR, IDC, PLUG 24 CONTACT(S), MALE, STRAIGHT DIP CONNECTOR, IDC, PLUG 10 CONTACT(S), MALE, STRAIGHT DIP CONNECTOR, IDC, PLUG CONNECTOR ACCESSORY 连接器附 HIF2B SERIES DIP PLUG HIF2B系列DIP插头
|
HIROSE ELECTRIC Co., Ltd. http:// Hirose Electric USA, INC.
|
20-600-10 06-600-11 |
20 PIN DIP HEADER 20 CONTACT(S), MALE, STRAIGHT DIP CONNECTOR, SOLDER 6 CONTACT(S), MALE, STRAIGHT DIP CONNECTOR, SOLDER
|
Aries Electronics, Inc. ARIES ELECTRONICS INC
|
109440 109441 109442 109443 109444 109429 109428 1 |
MiniMez Vertical Female SMT with Bracket&Pegs 12,6mm
|
ERNI Electronics
|
1-1825006-1 |
DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard; GDS06S04=DIP SW,SLIDE,SMT ( Tyco Electronics )
|
Tyco Electronics
|
5338048-6 |
DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard; 6P. DIP SWITCH WITH ACTION PIN POSTS ( Tyco Electronics )
|
Tyco Electronics
|
1-1825059-4 |
DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard; ADF04SA04=DIP SWT,FLUSH,SMT-JL ( Tyco Electronics )
|
Tyco Electronics
|
TC-050 |
50 CONTACT(S), MALE, DIP CONNECTOR, IDC
|
POWER DYNAMICS INC
|
070545MR |
ULTRA THIN D-SUB MALE R/A DIP TYPE
|
SUYIN USA, INC.
|
|